|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOSPEC Utra Fast Recovery Rectifier Diodes -- Designed for use in switching power supplies inverters and as free wheeling diodes. These state-of-the-art devices have the following features: High Surge Capacity Low Power Loss, High efficiency Glass Passivated chip junctions 150 OC Operating Junction Temperature Low Stored Charge Majority Carrier Conduction Low Forward Voltage, High Current Capability High-Switching Speed 35 Nanosecong Recovery Time Plastic Material used Carries Underwriters Laboratory U05A05 thru U05A20 ULTRA FAST RECTIFIERS 5 AMPERES 50-200 VOLTS Flammability Classification 94V-O TO-220A MAXIMUM RATINGS Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Total Device (Rated VR), TC=100J Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range Symbol U05A05 U05A10 U05A15 U05A20 Unit VRRM VRWM VR VR(RMS) IF(AV) 50 100 150 200 V 35 70 5.0 105 140 V A MILLIMETERS MIN MAX 14.68 15.32 9.78 10.42 5.02 6.52 13.06 14.62 3.57 4.07 4.84 5.32 1.12 1.36 0.72 0.96 4.22 4.98 1.14 1.38 2.20 2.98 0.33 0.55 2.48 2.98 --1.00 3.70 3.90 DIM A B C D E F G H I J K L M N O IFSM 100 A TJ , Tstg -65 to +150 J ELECTRIAL CHARACTERISTICS Characteristic Symbol U05A05 U05A10 U05A15 U05A20 Unit Maximum Instantaneous Forward Voltage ( IF =5.0 Amp TC = 25J ) V VF 0.975 0.840 ( IF =5.0 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time ( IF = 0.5 A, IR =1.0 , Irr =0.25 A ) Typical Junction Capacitance (Reverse Voltage of 4 volts & f=1 MHz) IR Trr CP 5.0 200 35 55 uA ns PF U05A05 Thru U05A20 FIG-1 TYPICAL FORWARD CHARACTERISITICS AVERAGE FORWARD RECTIFIED CURRENT (Amp.) AVERAGE FORWARD RECTIFIED CURRENT (Amp.) FIG-3 FORWARD CURRENT DERATING CURVE LEAD TEMPERATURE (J ) FIG-4TYPICAL JUNCTION CAPACITANCE FORWARD VOLTAGE (Volts) FIG-2 TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT (Amp.) JUNCTION CAPACITANCE (PF) REVERSE VOLTAGE (Volts.) FIG-5PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT (Amp.) PERCENT OF PEAK REVERSE VOLTAGE (M ) NUMBER OF CYCLES AT 60 Hz Set time base for 10/20 ns/cm FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram |
Price & Availability of U05A25 |